Part Number Hot Search : 
CHN22 40007 M56788FP LM79L15 KBP302 MAX170 MA1000RU 2SD1824
Product Description
Full Text Search
 

To Download RCX120N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet RCX120N20 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) low input capacitance. 3) high esd. ? application switching ? packaging specifications ? inner circuit package bulk code - basic ordering unit (pieces) 500 RCX120N20 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 200 v gate-source voltage v gss ? 30 v continuous i d ? 12 a pulsed i dp ? 48 a continuous i s 12 a pulsed i sp 48 a avalanche current i as 6.0 a avalanche energy e as 11.6 mj power dissipation p d 40 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l 500 ? h, v dd =50v, r g =25 ? , t ch =25c *3 limited only by maximum channel temperature allowed. *4 t c =25c ? thermal resistance symbol limits unit channel to case rth (ch-c) 3.125 ? c / w * t c =25c * limited only by maximum channel temperature allowed. parameter type source current (body diode) drain current parameter *1 *1 to-220fm 4.5 2.8 0.75 3.2 ( 2 )( 3 )( 1 ) 0.8 2.54 2.6 2.54 1.3 1.2 14.0 12.0 8.02.5 10.0 15.0 (1) gate (2) drain (3) source ? 1 body diode *2 *2 *3 *4 * *3 (1) (3) (2) ?1 1/5 2011.11 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RCX120N20 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = ? 30v, v ds =0v drain-source breakdown voltage v (br)dss 200 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --10 ? av ds =200v, v gs =0v gate threshold voltage v gs (th) 3.25 - 5.25 v v ds =10v, i d =1ma forward transfer admittance l y fs l 2.75 5.5 - s v ds =10v, i d =6.0a input capacitance c iss - 740 - pf v ds =25v output capacitance c oss - 57 - pf v gs =0v reverse transfer capacitance c rss - 26 - pf f=1mhz turn-on delay time t d(on) - 20 - ns v dd 100v, i d =6.0a rise time t r - 33 - ns v gs =10v turn-off delay time t d(off) - 27 - ns r l =16.67 ? fall time t f - 11 - ns r g =10 ? total gate charge q g - 15 - nc v dd 100v, i d =12a gate-source charge q gs -6-ncv gs =10v gate-drain charge q gd -6-nc *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =12a, v gs =0v *pulsed conditions m ? parameter static drain-source on-state resistance r ds (on) i d =6.0a, v gs =10v - 250 325 parameter conditions * * * * * * * * * * 2/5 2011.11 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX120N20 ? electrical characteristic curves (ta=25 ? c) 0 0.5 1 1.5 2 2.5 3 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =5.5v v gs =10.0v v gs =7.0v v gs =8.0v v gs =6.0v v gs =6.5v t a =25 c pulsed 0 2 4 6 8 10 12 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =6.0v v gs =10.0v v gs =8.0v v gs =6.5v v gs =7.0v t a =25 c pulsed 0.001 0.01 0.1 1 10 100 0 1 2 3 4 5 6 7 8 9 10 drain currnt : i d [a] gate - source voltage : v gs [v] fig.3 typical transfer characteristics v ds =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0 2 4 6 8 10 -50 -25 0 25 50 75 100 125 150 gate threshold voltage : v gs(th) [v] channel temperature : t ch [ ] fig.4 gate threshold voltage vs. channel temperature v ds =10v i d =1ma pulsed 10 100 1000 10000 0.1 1 10 100 static drain - source on - state resistance : r ds(on) [m ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0 200 400 600 800 1000 -50 -25 0 25 50 75 100 125 150 static drain - source on - state resistance : r ds(on) [m ] channel temperature : t ch [ ] fig.6 static drain - source on - state resistance vs. channel temperature v gs =10v pulsed i d =6a i d =12a 3/5 2011.11 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX120N20 0.01 0.1 1 10 0.01 0.1 1 10 100 forward transfer admittance yfs [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0.01 0.1 1 10 100 0.0 0.5 1.0 1.5 source current : i s [a] source - drain voltage : v sd [v] fig.8 source current vs. source - drain voltage v gs =0v pulsed t a = 125 c t a = 75 c t a = 25 c t a = - 25 c 0 200 400 600 800 1000 0 2 4 6 8 10 12 14 16 18 20 static drain - source on - state resistance r ds(on) [m ] gate - source voltage : v gs [v] fig.9 static drain - source on - state resistance vs. gate - source voltage i d =12a i d =6a t a =25 c pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 switching time : t [ns] drain current : i d [a] fig.10 switching characteristics t f v dd P 100v v gs =10v r g =10 t a =25 c pulsed t d(off) t d(on) t r 0 5 10 15 20 0 5 10 15 20 25 30 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.11 dynamic input characteristics t a =25 c v dd =100v i d =12a pulsed 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 capacitance : c [pf] drain - source voltage : v ds [v] fig.12 typical capacitance vs. drain - source voltage c rss t a =25 c f=1mhz v gs =0v c iss c oss 4/5 2011.11 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RCX120N20 ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 5/5 2011.11 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RCX120N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X